Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF-1199-6B Datasheet (PDF) - JMK Inc.

FF-1199-6B Datasheet PDF - JMK Inc.
Part # FF-1199-6B
Download  FF-1199-6B Download

File Size   32.94 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP

FF-1199-6B Datasheet (PDF)

Go To PDF Page Download Datasheet
FF-1199-6B Datasheet PDF - JMK Inc.

Part # FF-1199-6B
Download  FF-1199-6B Click to download

File Size   32.94 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP

FF-1199-6B Datasheet (HTML) - JMK Inc.

FF-1199-6B Datasheet HTML 1Page - JMK Inc.



Similar Part No. - FF-1199-6B

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
FF-1135-1 JMK-FF-1135-1 Datasheet
50Kb / 1P
   Operating Voltage= 100 Vdc OperatingCurrentMax= 1,2,3,5 & 10amps
FF-1135-10 JMK-FF-1135-10 Datasheet
50Kb / 1P
   Operating Voltage= 100 Vdc OperatingCurrentMax= 1,2,3,5 & 10amps
FF-1135-2 JMK-FF-1135-2 Datasheet
50Kb / 1P
   Operating Voltage= 100 Vdc OperatingCurrentMax= 1,2,3,5 & 10amps
FF-1135-3 JMK-FF-1135-3 Datasheet
50Kb / 1P
   Operating Voltage= 100 Vdc OperatingCurrentMax= 1,2,3,5 & 10amps
FF-1135-5 JMK-FF-1135-5 Datasheet
50Kb / 1P
   Operating Voltage= 100 Vdc OperatingCurrentMax= 1,2,3,5 & 10amps
More results


Similar Description - FF-1199-6B

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
HH-1199-6C JMK-HH-1199-6C Datasheet
223Kb / 1P
   Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
HH-1199-6 JMK-HH-1199-6 Datasheet
223Kb / 1P
   Operating voltage = 125 / 250 v~ Operating current (max) = 6.0 amperes
ZC-1072-10 JMK-ZC-1072-10 Datasheet
41Kb / 1P
   Operating voltage = 125 v~ Operating current (max) = 10 amperes
HH-0828-1.5 JMK-HH-0828-1.5 Datasheet
106Kb / 1P
   Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp
FF-1503-18 JMK-FF-1503-18 Datasheet
35Kb / 1P
   Operating Voltage = 125 Vac Operating Current (Max) = 18 AMP A/C
KK-0332-30 JMK-KK-0332-30 Datasheet
64Kb / 1P
   Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
HH-1055-6.3 JMK-HH-1055-6.3 Datasheet
117Kb / 1P
   Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
FF-1279-14 JMK-FF-1279-14 Datasheet
249Kb / 1P
   Operating voltage = DC to 250 V~ Operating current (max) = 13 Amperes
ZG-1435-5B JMK-ZG-1435-5B Datasheet
167Kb / 1P
   Operating Voltage = 125/250 Vac Operating Current = 5.0 Ampere
ZG-1435-1B JMK-ZG-1435-1B Datasheet
109Kb / 1P
   Operating Voltage = 125/250 Vac Operating Current = 1.0 Ampere
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com