Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-1500-20 Datasheet (PDF) - JMK Inc.

LL-1500-20 Datasheet PDF - JMK Inc.
Part # LL-1500-20
Download  LL-1500-20 Download

File Size   50.05 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage (max) = 12,24 or 36 Vdc Operating Current (max) = 20 Amperes

LL-1500-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
LL-1500-20 Datasheet PDF - JMK Inc.

Part # LL-1500-20
Download  LL-1500-20 Click to download

File Size   50.05 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage (max) = 12,24 or 36 Vdc Operating Current (max) = 20 Amperes

LL-1500-20 Datasheet (HTML) - JMK Inc.

LL-1500-20 Datasheet HTML 1Page - JMK Inc.



Similar Part No. - LL-1500-20

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1003AD2R-A1 LUCKY-LIGHT-LL-1003AD2R-A1 Datasheet
137Kb / 7P
   10mm Round With Flange Type Amber LED Technical Data Sheet
LL-1003AD2R-A1 LUCKY-LIGHT-LL-1003AD2R-A1 Datasheet
137Kb / 7P
   Amber LED
LL-1003AD2R-A1 LUCKY-LIGHT-LL-1003AD2R-A1_15 Datasheet
137Kb / 7P
   Amber LED
LL-1003GD2R-1A LUCKY-LIGHT-LL-1003GD2R-1A Datasheet
138Kb / 7P
   10mm Round With Flange Type Yellow Green LED Technical Data Sheet
LL-1003GD2R-1A LUCKY-LIGHT-LL-1003GD2R-1A Datasheet
138Kb / 7P
   Yellow Green LED
More results


Similar Description - LL-1500-20

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
KK-1222-32 JMK-KK-1222-32 Datasheet
246Kb / 1P
   Operating voltage = 18 - 36 VDC Operating current (max) = 32 amperes
KK-1222-25 JMK-KK-1222-25 Datasheet
235Kb / 1P
   Operating voltage = 18 - 36 VDC Operating current (max) = 25 amperes
KK-1443-35 JMK-KK-1443-35 Datasheet
41Kb / 1P
   Operating voltage (max) = 50 Vdc Operating Current (max) = 35 Amperes
ZA-1193-3 JMK-ZA-1193-3 Datasheet
49Kb / 1P
   Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES
ZA-1193-3C JMK-ZA-1193-3C Datasheet
49Kb / 1P
   Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES
ZF-1947-20 JMK-ZF-1947-20 Datasheet
32Kb / 1P
   Operating Voltage= 400 Vdc max. Operating Current Max= 20.0 amp
ZC-1072-10 JMK-ZC-1072-10 Datasheet
41Kb / 1P
   Operating voltage = 125 v~ Operating current (max) = 10 amperes
MM-0637A-100 JMK-MM-0637A-100 Datasheet
62Kb / 1P
   Operating Voltage = 48 Vdc Operating Current (Max) = 100 Amp
HH-1902-4B JMK-HH-1902-4B Datasheet
39Kb / 1P
   Operating Voltage= 50 Vdc Operating Current Max= 4.0 amp
KK-1920-25 JMK-KK-1920-25 Datasheet
34Kb / 1P
   Operating Voltage = 60 VDC Operating Current (Max) = 25 Amp
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com