Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKR10 Datasheet (PDF) - Semikron International

SKR10 Datasheet PDF - Semikron International
Part # SKR10
Download  SKR10 Download

File Size   189.05 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description DIODE

SKR10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKR10 Datasheet PDF - Semikron International

Part # SKR10
Download  SKR10 Click to download

File Size   189.05 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description DIODE

SKR10 Datasheet (HTML) - Semikron International

SKR10 Datasheet HTML 1Page - Semikron International SKR10 Datasheet HTML 2Page - Semikron International

SKR10 Product details

IF(DC) = 170 A
VRRM = 1600 V
Size: 10,3 mm x 10,3 mm

Features
• high current density due to mesa technology
• high surge current
• compatible to thick wire bonding
• compatible to all standard solder processes

Typical Applications*
• uncontrolled rectifier bridges




Similar Part No. - SKR10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKR10 SEMIKRON-SKR10 Datasheet
165Kb / 2P
   DIODE
logo
Naina Semiconductor ltd...
SKR100 NAINA-SKR100 Datasheet
137Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 125A
logo
Semikron International
SKR100/04 SEMIKRON-SKR100/04 Datasheet
368Kb / 3P
   Rectifier Diode
SKR100/08 SEMIKRON-SKR100/08 Datasheet
368Kb / 3P
   Rectifier Diode
SKR100/12 SEMIKRON-SKR100/12 Datasheet
368Kb / 3P
   Rectifier Diode
More results


Similar Description - SKR10

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com