Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1612A-110-SC-25 Datasheet (PDF) - Emcore Corporation

1612A-110-SC-25 Datasheet PDF - Emcore Corporation
Part # 1612A-110-SC-25
Download  1612A-110-SC-25 Download

File Size   167.7 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1310 nm DFB Laser Module

1612A-110-SC-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
1612A-110-SC-25 Datasheet PDF - Emcore Corporation

Part # 1612A-110-SC-25
Download  1612A-110-SC-25 Click to download

File Size   167.7 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1310 nm DFB Laser Module

1612A-110-SC-25 Datasheet (HTML) - Emcore Corporation

1612A-110-SC-25 Datasheet HTML 1Page - Emcore Corporation 1612A-110-SC-25 Datasheet HTML 2Page - Emcore Corporation 1612A-110-SC-25 Datasheet HTML 3Page - Emcore Corporation 1612A-110-SC-25 Datasheet HTML 4Page - Emcore Corporation 1612A-110-SC-25 Datasheet HTML 5Page - Emcore Corporation 1612A-110-SC-25 Datasheet HTML 6Page - Emcore Corporation



Similar Part No. - 1612A-110-SC-25

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-110-SC-25 EMCORE-1612A-110-SC-25 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
More results


Similar Description - 1612A-110-SC-25

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com