Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37931X1223K060 Datasheet (PDF) - EPCOS

B37931X1223K060 Datasheet PDF - EPCOS
Part # B37931X1223K060
Download  B37931X1223K060 Download

File Size   797.66 Kbytes
Page   17 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Multilayer ceramic capacitors

B37931X1223K060 Datasheet (PDF)

Go To PDF Page Download Datasheet
B37931X1223K060 Datasheet PDF - EPCOS

Part # B37931X1223K060
Download  B37931X1223K060 Click to download

File Size   797.66 Kbytes
Page   17 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Multilayer ceramic capacitors

B37931X1223K060 Datasheet (HTML) - EPCOS

Back Button B37931X1223K060 Datasheet HTML 1Page - EPCOS B37931X1223K060 Datasheet HTML 2Page - EPCOS B37931X1223K060 Datasheet HTML 3Page - EPCOS B37931X1223K060 Datasheet HTML 4Page - EPCOS B37931X1223K060 Datasheet HTML 5Page - EPCOS B37931X1223K060 Datasheet HTML 6Page - EPCOS B37931X1223K060 Datasheet HTML 7Page - EPCOS B37931X1223K060 Datasheet HTML 8Page - EPCOS B37931X1223K060 Datasheet HTML 9Page - EPCOS B37931X1223K060 Datasheet HTML 10Page - EPCOS Next Button 

B37931X1223K060 Product details

Description
The MLSC series was designed for applications directly linked to a power source / voltage source (e.g. battery, clamp 30 in automotive applications) and safety relevant application without (integrated) current limitation.

Features
▪ The MLSC (Multi Layer Serial Ceramic Capacitor) consists of two serial connected capacitors
   in one component
▪ Due to the special design the probability of a short circuit is much reduced
   - in case of a bending crack
   - in many cases of an assembling crack
   - in many cases of a solder shock crack
▪ The MLSC meets the requirements of automotive manufacturers for a (redundant) serial
   connection of two capacitors, if the application is directly connected to the battery, in one
   component.
▪ Reduced number of components leads to
   - increased reliability
   - place saving on the PCB
   - reduced assembling time
▪ The MLSC is based on established MLCC technology, but with more robust design. This
   MLCC technology offers highest reliability (ppb-rate) and long term field experience.
▪ The MLSC offers high reliability due to more stringent process control and end of line testing,
   which enables the achievement of a 10 ppb level for the application failure rate (measure: 0
   mileage and field), see chapter ppb – Level Assurance System page 12.
▪ The MLSC meets AEC-Q200 requirements, see pages 7 – 11.
▪ The specified bending strength is 2 mm according to piezo electric method (∆I measurement)
▪ The MLSC is suitable for applications with temperature requirements up to 150 °C with respect
   to the voltage derating and short term temperature peaks up to 175 °C without load, see
   chapter High Temperature Application page 3.
▪ The MLSC is lead free in terms of RoHS.
▪ Nickel barrier termination
▪ BME technology
▪ The MLSC offers a selected range of capacitance in case size 0805 (rated voltage 50 V and
   100 V).

Applications
Applications directly linked to a power source / voltage source and safety relevant application without (integrated) current limitation. Some examples:
   ▪ Automotive electronics (e.g. clamp 30, RF filter in small power motors, security control
      systems or drive and engine control units)
   ▪ Power electronics (e.g. DC/DC converter)
   ▪ Mobile devices with battery / accumulator (e.g. filter at charging set)




Similar Part No. - B37931X1223K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B37931-K5102-K60 ETC2-B37931-K5102-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
B37931-K5103-K60 ETC2-B37931-K5103-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
B37931-K5152-K60 ETC2-B37931-K5152-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
B37931-K5221-K60 ETC2-B37931-K5221-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
More results


Similar Description - B37931X1223K060

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com