Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS28 Datasheet (PDF) - Jinan Jingheng (Group) Co.,Ltd

SS28 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd
Part # SS28
Download  SS28 Download

File Size   70.24 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS28 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS28 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd

Part # SS28
Download  SS28 Click to download

File Size   70.24 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS28 Datasheet (HTML) - Jinan Jingheng (Group) Co.,Ltd

SS28 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd SS28 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd

SS28 Product details

Reverse Voltage - 20 to 200 Volts
Forward Current - 2.0Amperes

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Metal silicon junction ,majority carrier conduction
• Guard ring for overvoltage protection
• Built-in strain relief
• For surface mounted applications
• Low profile package
• Low power loss ,high efficiency
• High current capability ,Low forward voltage drop
• High surge capability
• For use in low voltage ,high frequency inverters, free wheeling ,
   and polarity protection applications
• High temperature soldering guaranteed:260°C/10 seconds at terminals
• Component in accordance to RoHS 2002/95/EC and
   WEEE 2002/96/EC

MECHANICAL DATA
• Case: JEDEC SMB(DO-214AA)  molded plastic body 
• Terminals: solder plated ,solderable per MIL-STD-750,method 2026
• Polarity: color band denotes cathode end 
• Weight: 0.003ounce,0.093 gram




Similar Part No. - SS28

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS28 DGNJDZ-SS28 Datasheet
161Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SS28 MCC-SS28 Datasheet
625Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
ASEMI TECHNOLOGY., LTD
SS28 ASEMI-SS28 Datasheet
48Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Shenzhen Taychipst Elec...
SS28 TAYCHIPST-SS28 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS28 JUXING-SS28 Datasheet
2Mb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SS28

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com