Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC1430H Datasheet (PDF) - TriQuint Semiconductor

TGC1430H Datasheet PDF - TriQuint Semiconductor
Part # TGC1430H
Download  TGC1430H Download

File Size   438.55 Kbytes
Page   3 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 20 - 40 GHz IQ Mixer

TGC1430H Datasheet (PDF)

Go To PDF Page Download Datasheet
TGC1430H Datasheet PDF - TriQuint Semiconductor

Part # TGC1430H
Download  TGC1430H Click to download

File Size   438.55 Kbytes
Page   3 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 20 - 40 GHz IQ Mixer

TGC1430H Datasheet (HTML) - TriQuint Semiconductor

TGC1430H Datasheet HTML 1Page - TriQuint Semiconductor TGC1430H Datasheet HTML 2Page - TriQuint Semiconductor TGC1430H Datasheet HTML 3Page - TriQuint Semiconductor

TGC1430H Product details

Key Features and Performance
• 0.25um pHEMT Technology
• 20 - 40 GHz RF/LO Frequencies
• DC - 1GHz IF
• -11 +/- 1dB Conversion Gain
• 15 dBm Input Drive

Primary Applications
• Point-to-Point Radio
• Point-to-Multipoint Communications
• Image Reject Mixers




Similar Part No. - TGC1430H

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1430E TRIQUINT-TGC1430E Datasheet
385Kb / 3P
   Single-Balanced Down Converter
TGC1430F TRIQUINT-TGC1430F Datasheet
358Kb / 3P
   20 - 40 GHz X2 Frequency Multiplier
TGC1430F TRIQUINT-TGC1430F Datasheet
221Kb / 4P
   20 - 40 GHz X2 Frequency Multiplier
TGC1430F-EPU TRIQUINT-TGC1430F-EPU Datasheet
105Kb / 4P
   20 - 40 GHz X2 Frequency Multiplier
TGC1430F TRIQUINT-TGC1430F_15 Datasheet
221Kb / 4P
   20 - 40 GHz X2 Frequency Multiplier
More results


Similar Description - TGC1430H

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
TGC4702-FC TRIQUINT-TGC4702-FC_15 Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
logo
Hittite Microwave Corpo...
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
logo
Mini-Circuits
SMIQ-653H-D++ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
   IQ Mixer
REV. OR
SMIQ-6243H++ MINI-SMIQ-6243H+ Datasheet
688Kb / 15P
   IQ Mixer
REV. OR
logo
Teledyne Technologies I...
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
Qorvo, Inc
CMD180C3 QORVO-CMD180C3 Datasheet
234Kb / 10P
   20-32 GHz Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD180C3 MMIC-CMD180C3 Datasheet
234Kb / 10P
   20-32 GHz Fundamental Mixer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com