Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ1089 Datasheet (PDF) - TriQuint Semiconductor

TQ1089 Datasheet PDF - TriQuint Semiconductor
Part # TQ1089
Download  TQ1089 Download

File Size   193.62 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 11-Output Configurable Clock Buffer

TQ1089 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ1089 Datasheet PDF - TriQuint Semiconductor

Part # TQ1089
Download  TQ1089 Click to download

File Size   193.62 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 11-Output Configurable Clock Buffer

TQ1089 Datasheet (HTML) - TriQuint Semiconductor

TQ1089 Datasheet HTML 1Page - TriQuint Semiconductor TQ1089 Datasheet HTML 2Page - TriQuint Semiconductor TQ1089 Datasheet HTML 3Page - TriQuint Semiconductor TQ1089 Datasheet HTML 4Page - TriQuint Semiconductor TQ1089 Datasheet HTML 5Page - TriQuint Semiconductor TQ1089 Datasheet HTML 6Page - TriQuint Semiconductor TQ1089 Datasheet HTML 7Page - TriQuint Semiconductor TQ1089 Datasheet HTML 8Page - TriQuint Semiconductor TQ1089 Datasheet HTML 9Page - TriQuint Semiconductor TQ1089 Datasheet HTML 10Page - TriQuint Semiconductor

TQ1089 Product details

TriQuint’s TQ1089 is a configurable clock buffer which generates 11 outputs, operating over a wide range of frequencies from 65 MHz to 90 MHz and from 130 MHz to 180 MHz. The outputs are available at either 1x and 2x or at 1x and 1/2 x the reference clock frequency, fREF . When one of the Group A outputs (Q0–Q8) is used as feedback to the PLL, all Group A outputs will be at fREF , and all Group B outputs (Q9, Q10) will be at 2x fREF . When one of the Group B outputs is used as feedback to the PLL, all Group A outputs will be at 1/2 x fREF and all Group B outputs will be at fREF .

Features
• Wide frequency range: 65 MHz to 90 MHz and 130 MHz to 180 MHz
• Output configurations: eight outputs at fREF two outputs at 2x fREF or nine outputs at 1/2 x fREF one output at fREF
• Low output-to-output skew: 150 ps (max) within a group
• Near-zero propagation delay –350 ps + 500 ps (max) or –350 ps +700 ps (max)
• TTL–compatible with 30 mA output drive
• 28–pin J–lead surface–mount package
• Ideal for PowerPC ™–based designs




Similar Part No. - TQ1089

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
TQ100 ACTEL-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
logo
TriQuint Semiconductor
TQ1090 TRIQUINT-TQ1090 Datasheet
247Kb / 10P
   11-Output Configurable Clock Buffer
More results


Similar Description - TQ1089

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
GA1085 TRIQUINT-GA1085 Datasheet
204Kb / 10P
   11-Output Configurable Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
TQ1090 TRIQUINT-TQ1090 Datasheet
247Kb / 10P
   11-Output Configurable Clock Buffer
GA1086 TRIQUINT-GA1086 Datasheet
234Kb / 12P
   11-Output Clock Buffer
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
183Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Texas Instruments
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com