Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5622 Datasheet (PDF) - TriQuint Semiconductor

TQ5622 Datasheet PDF - TriQuint Semiconductor
Part # TQ5622
Download  TQ5622 Download

File Size   80.6 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V PCS Receiver IC With Power- Down

TQ5622 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ5622 Datasheet PDF - TriQuint Semiconductor

Part # TQ5622
Download  TQ5622 Click to download

File Size   80.6 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V PCS Receiver IC With Power- Down

TQ5622 Datasheet (HTML) - TriQuint Semiconductor

TQ5622 Datasheet HTML 1Page - TriQuint Semiconductor TQ5622 Datasheet HTML 2Page - TriQuint Semiconductor TQ5622 Datasheet HTML 3Page - TriQuint Semiconductor TQ5622 Datasheet HTML 4Page - TriQuint Semiconductor TQ5622 Datasheet HTML 5Page - TriQuint Semiconductor TQ5622 Datasheet HTML 6Page - TriQuint Semiconductor TQ5622 Datasheet HTML 7Page - TriQuint Semiconductor TQ5622 Datasheet HTML 8Page - TriQuint Semiconductor TQ5622 Datasheet HTML 9Page - TriQuint Semiconductor

TQ5622 Product details

Product Description
The TQ5622 is a 3V, RF receiver IC designed specifically for PCS band TDMA applications. It’s RF performance meets the requirements for products designed to the IS-136 TDMA standards. The TQ5622 includes a power–down mode which allows current saving during standby and the non-operating portion of the TDMA pulse. The TQ5622 contains LNA and Mixer circuits matched to the 1900MHz PCS band.

Features
◾ Power-Down, “Sleep” Mode
◾ Single 2.8V operation
◾ Low-current operation
◾ Small QSOP-16 plastic package
◾ Few external components

Applications
◾ PCS, IS-136 based TDMA Mobile Phones




Similar Part No. - TQ5622

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
More results


Similar Description - TQ5622

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
   3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
   3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
   3V PCS LINEAR POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
TriQuint Semiconductor
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com