Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43081B9335M006 Datasheet (PDF) - EPCOS

B43081B9335M006 Datasheet PDF - EPCOS
Part # B43081B9335M006
Download  B43081B9335M006 Download

File Size   354.92 Kbytes
Page   15 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Aluminum electrolytic capacitors

B43081B9335M006 Datasheet (PDF)

Go To PDF Page Download Datasheet
B43081B9335M006 Datasheet PDF - EPCOS

Part # B43081B9335M006
Download  B43081B9335M006 Click to download

File Size   354.92 Kbytes
Page   15 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Aluminum electrolytic capacitors

B43081B9335M006 Datasheet (HTML) - EPCOS

Back Button B43081B9335M006 Datasheet HTML 1Page - EPCOS B43081B9335M006 Datasheet HTML 2Page - EPCOS B43081B9335M006 Datasheet HTML 3Page - EPCOS B43081B9335M006 Datasheet HTML 4Page - EPCOS B43081B9335M006 Datasheet HTML 5Page - EPCOS B43081B9335M006 Datasheet HTML 6Page - EPCOS B43081B9335M006 Datasheet HTML 7Page - EPCOS B43081B9335M006 Datasheet HTML 8Page - EPCOS B43081B9335M006 Datasheet HTML 9Page - EPCOS B43081B9335M006 Datasheet HTML 10Page - EPCOS Next Button 

B43081B9335M006 Product details

Single-ended capacitors High ripple current – 105 °C

Long-life grade capacitors for professional applications

Features
■ RoHS-compatible
■ Very high ripple current
■ High reliability
■ Load life of 3000 h at 105 °C

Applications
■ Electronic ballast applications

Construction
■ Radial leads
■ Aluminum case, fully insulated
■ Charge-discharge proof
■ Minus pole marking on the insulating sleeve
■ Case with safety vent from diameter 8 mm




Similar Part No. - B43081B9335M006

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081B9335M006 EPCOS-B43081B9335M006 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results


Similar Description - B43081B9335M006

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com