Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5388B Datasheet (PDF) - Transys Electronics

1N5388B Datasheet PDF - Transys Electronics
Part # 1N5388B
Download  1N5388B Download

File Size   267.56 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE

1N5388B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5388B Datasheet PDF - Transys Electronics

Part # 1N5388B
Download  1N5388B Click to download

File Size   267.56 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE

1N5388B Datasheet (HTML) - Transys Electronics

1N5388B Datasheet HTML 1Page - Transys Electronics 1N5388B Datasheet HTML 2Page - Transys Electronics 1N5388B Datasheet HTML 3Page - Transys Electronics 1N5388B Datasheet HTML 4Page - Transys Electronics 1N5388B Datasheet HTML 5Page - Transys Electronics

1N5388B Product details

VOLTAGE -11 TO 200 Volts Power -5.0 Watts

FEA TURES
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Typical ID less than 1 A above 13V
High temperature soldering : 260/10 seconds at terminals
Plastic package has Underwriters Laboratory
  Flammability Classification 94V-O




Similar Part No. - 1N5388B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5388B NJSEMI-1N5388B Datasheet
99Kb / 3P
   ZENER DIODES
logo
Motorola, Inc
1N5388B MOTOROLA-1N5388B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5388B DIOTEC-1N5388B Datasheet
131Kb / 2P
   Zener Diodes
logo
ON Semiconductor
1N5388B ONSEMI-1N5388B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
New Jersey Semi-Conduct...
1N5388B NJSEMI-1N5388B Datasheet
168Kb / 1P
   DIODE
More results


Similar Description - 1N5388B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com