Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82720S Datasheet (PDF) - EPCOS

B82720S Datasheet PDF - EPCOS
Part # B82720S
Download  B82720S Download

File Size   150.86 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes

B82720S Datasheet (PDF)

Go To PDF Page Download Datasheet
B82720S Datasheet PDF - EPCOS

Part # B82720S
Download  B82720S Click to download

File Size   150.86 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes

B82720S Datasheet (HTML) - EPCOS

B82720S Datasheet HTML 1Page - EPCOS B82720S Datasheet HTML 2Page - EPCOS B82720S Datasheet HTML 3Page - EPCOS B82720S Datasheet HTML 4Page - EPCOS B82720S Datasheet HTML 5Page - EPCOS B82720S Datasheet HTML 6Page - EPCOS B82720S Datasheet HTML 7Page - EPCOS B82720S Datasheet HTML 8Page - EPCOS

B82720S Product details

Power line chokes
Current-compensated ring core double chokes

Rated voltage 250 V AC
Rated current 0.3 A to 2 A
Rated inductance 1.1 mH to 22 mH

Features
■ Approx. 0.8% stray inductance for differential-mode interference suppression
■ Suitable for reflow soldering
■ Design complies with EN 60938-2 (VDE 0565-2)
■ RoHS-compatible

Applications
■ Suppression of common-mode interferences
■ Compact electronic ballasts in lamps
■ Compact switch-mode power supplies




Similar Part No. - B82720S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S2102N040 EPCOS-B82720S2102N040 Datasheet
75Kb / 5P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S2102N040 EPCOS-B82720S2102N040 Datasheet
483Kb / 8P
   Power line chokes
B82720S2102N040 EPCOS-B82720S2102N040 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82720S2102N040 EPCOS-B82720S2102N040 Datasheet
694Kb / 8P
   Current-compensated SMD ring core double chokes
More results


Similar Description - B82720S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com