Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82141A1822K000 Datasheet (PDF) - EPCOS

B82141A1822K000 Datasheet PDF - EPCOS
Part # B82141A1822K000
Download  B82141A1822K000 Download

File Size   191.21 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Inductors

B82141A1822K000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82141A1822K000 Datasheet PDF - EPCOS

Part # B82141A1822K000
Download  B82141A1822K000 Click to download

File Size   191.21 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Inductors

B82141A1822K000 Datasheet (HTML) - EPCOS

B82141A1822K000 Datasheet HTML 1Page - EPCOS B82141A1822K000 Datasheet HTML 2Page - EPCOS B82141A1822K000 Datasheet HTML 3Page - EPCOS B82141A1822K000 Datasheet HTML 4Page - EPCOS B82141A1822K000 Datasheet HTML 5Page - EPCOS B82141A1822K000 Datasheet HTML 6Page - EPCOS B82141A1822K000 Datasheet HTML 7Page - EPCOS B82141A1822K000 Datasheet HTML 8Page - EPCOS B82141A1822K000 Datasheet HTML 9Page - EPCOS

B82141A1822K000 Product details

SBC choke (Small Bobbin Core)
Rated inductance 1 µH to 1000 µH
Rated current 55 mA to 725 mA

Features
■ Small size
■ Relatively high rated current
■ Suitable for wave soldering
■ RoHS-compatible

Applications
■ RF blocking and filtering
■ Decoupling and interference suppression
■ For electronic household appliances, automotive and entertainment electronics




Similar Part No. - B82141A1822K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82141A1822K000 TDK-B82141A1822K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
More results


Similar Description - B82141A1822K000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com