Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB860 Datasheet (PDF) - Transys Electronics

SB860 Datasheet PDF - Transys Electronics
Part # SB860
Download  SB860 Download

File Size   146.62 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description 8 AMPERE SCHOTTKY BARRIER RECTIFIERS

SB860 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB860 Datasheet PDF - Transys Electronics

Part # SB860
Download  SB860 Click to download

File Size   146.62 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description 8 AMPERE SCHOTTKY BARRIER RECTIFIERS

SB860 Datasheet (HTML) - Transys Electronics

SB860 Datasheet HTML 1Page - Transys Electronics SB860 Datasheet HTML 2Page - Transys Electronics

SB860 Product details

VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes

FEATURES
 Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
 Exceeds environmental standards of MILS-19500/228
 Low power loss, high efficiency.
 Low forwrd voltge, high current capability
 High surge capacity.
 For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.




Similar Part No. - SB860

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB860 PANJIT-SB860 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Leshan Radio Company
SB860 LRC-SB860 Datasheet
208Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V
logo
SMC Diode Solutions Co....
SB860 SMCDIODE-SB860 Datasheet
192Kb / 4P
   SB860 SCHOTTKY RECTIFIER
Rev.A
logo
Won-Top Electronics
SB860 WTE-SB860 Datasheet
37Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
SB860 SMC-SB860 Datasheet
119Kb / 5P
   SCHOTTKY RECTIFIER
More results


Similar Description - SB860

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB320 TRSYS-SB320 Datasheet
154Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS22 FAIRCHILD-SS22 Datasheet
41Kb / 3P
   2.0 Ampere Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com