Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB156 Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

RB156 Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # RB156
Download  RB156 Download

File Size   120.92 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SINGLE-PHASE SILICON BRIDGE

RB156 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB156 Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # RB156
Download  RB156 Click to download

File Size   120.92 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SINGLE-PHASE SILICON BRIDGE

RB156 Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.

RB156 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RB156 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.

RB156 Product details

Voltage: 50 TO 1000V CURRENT:1.5A

FEATURES
   Ideal for printed circuit board
   Reliable low cost construction
   Surge overload rating:50 A peak




Similar Part No. - RB156

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB156 WTE-RB156 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Diode Semiconductor Kor...
RB156 DSK-RB156 Datasheet
151Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
RB156 WTE-RB156 Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
Changzhou Shunye Electr...
RB156 SY-RB156 Datasheet
263Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
RB156 RECTRON-RB156 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
More results


Similar Description - RB156

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com