Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1613TF-3 Datasheet (PDF) - Electronic Film Capacitors, Inc.

1613TF-3 Datasheet PDF - Electronic Film Capacitors, Inc.
Part # 1613TF-3
Download  1613TF-3 Download

File Size   12.84 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polycarbonate Capacitors

1613TF-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1613TF-3 Datasheet PDF - Electronic Film Capacitors, Inc.

Part # 1613TF-3
Download  1613TF-3 Click to download

File Size   12.84 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polycarbonate Capacitors

1613TF-3 Datasheet (HTML) - Electronic Film Capacitors, Inc.

1613TF-3 Datasheet HTML 1Page - Electronic Film Capacitors, Inc.

1613TF-3 Product details

Metallized Polycarbonate Capacitors

Oval Wrap and Fill

Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG




Similar Part No. - 1613TF-3

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613TF-3-0.01-1-01 EFC-1613TF-3-0.01-1-01 Datasheet
58Kb / 9P
   POLYESTER (MYLAR) and FOIL
1613TF-3-0.01-1-02 EFC-1613TF-3-0.01-1-02 Datasheet
58Kb / 9P
   POLYESTER (MYLAR) and FOIL
1613TF-3-0.01-1-41 EFC-1613TF-3-0.01-1-41 Datasheet
58Kb / 9P
   POLYESTER (MYLAR) and FOIL
1613TF-3-0.01-1-42 EFC-1613TF-3-0.01-1-42 Datasheet
58Kb / 9P
   POLYESTER (MYLAR) and FOIL
1613TF-3-0.1-1-01 EFC-1613TF-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
More results


Similar Description - 1613TF-3

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
   Metallized Polycarbonate Capacitors
1613DFR EFC-1613DFR Datasheet
14Kb / 1P
   Metallized Polycarbonate Capacitors
1613EC EFC-1613EC Datasheet
11Kb / 1P
   Metallized Polycarbonate Capacitors
1613EF EFC-1613EF Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
1613TC EFC-1613TC Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
1613 EFC-1613 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
MKC1862 VISHAY-MKC1862_08 Datasheet
309Kb / 4P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
logo
Visual Communications C...
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
   Polycarbonate
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com