Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP51A Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

5KP51A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # 5KP51A
Download  5KP51A Download

File Size   138.41 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

5KP51A Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP51A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # 5KP51A
Download  5KP51A Click to download

File Size   138.41 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

5KP51A Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.

5KP51A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 5KP51A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.

5KP51A Product details

VOLTAGE 5.0 to 110 VOLTS 5000 WATT PEAK PULSE POWER

FEATURES
• Plastic package has Underwrites Laboratory Flammability Classification 94V-O
• Glass passivated junction
• 5000W Peak Pulse Power capability on 10/1000 s waveform
• Excellent clamping capability
• Repetition rate (Duty Cycle):0.5%
• Low incremental surge resistance
• Fast response time: typically less than 1.0 ps from 0 volts to BV
• Typical ID less than 1 A above 10V
• High temperature soldering guaranteed:
   300°C/10 seconds /.375,(9.5mm) lead length/51bs.,(2.3kg) tension




Similar Part No. - 5KP51A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP51A VISHAY-5KP51A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Surge Components
5KP51A SURGE-5KP51A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
HuaXinAn Electronics CO...
5KP51A HUAXINAN-5KP51A Datasheet
357Kb / 5P
   Transient Voltage Suppressors
logo
Pan Jit International I...
5KP51A PANJIT-5KP51A Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP51A LEIDITECH-5KP51A Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
More results


Similar Description - 5KP51A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com