Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ30CA Datasheet (PDF) - Transys Electronics

P4SMAJ30CA Datasheet PDF - Transys Electronics
Part # P4SMAJ30CA
Download  P4SMAJ30CA Download

File Size   240.07 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ30CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMAJ30CA Datasheet PDF - Transys Electronics

Part # P4SMAJ30CA
Download  P4SMAJ30CA Click to download

File Size   240.07 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ30CA Datasheet (HTML) - Transys Electronics

P4SMAJ30CA Datasheet HTML 1Page - Transys Electronics P4SMAJ30CA Datasheet HTML 2Page - Transys Electronics P4SMAJ30CA Datasheet HTML 3Page - Transys Electronics P4SMAJ30CA Datasheet HTML 4Page - Transys Electronics P4SMAJ30CA Datasheet HTML 5Page - Transys Electronics

P4SMAJ30CA Product details

VOLTAGE - 5.0 TO 170 Volts 400Watt Peak Power Pulse

FEATURES
● For surface mounted applications in order to
   optimize board space
● Low profile package
● Built-in strain relief
● Glass passivated junction
● Low inductance
● Excellent clamping capability
● Repetition Rate(duty cycle):0.01%
● Fast response time: typically less than
   1.0 ps from 0 volts to BV for undirectional types
● Typical ID less than 1 A above 10V
● High temperature soldering :
   250°C/10 seconds at terminals
● Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O




Similar Part No. - P4SMAJ30CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ30CA PANJIT-P4SMAJ30CA Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ30CA SURGE-P4SMAJ30CA Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Won-Top Electronics
P4SMAJ30CA WTE-P4SMAJ30CA Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ30CA PANJIT-P4SMAJ30CA Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Lunsure Electr...
P4SMAJ30CA CHENYI-P4SMAJ30CA Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results


Similar Description - P4SMAJ30CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com