Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.08U Datasheet (PDF) - Lumberg

5.08U Datasheet PDF - Lumberg
Part # 5.08U
Download  5.08U Download

File Size   87.62 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Leiterplatten-Direktsteckverbinder, Raster 5,08 mm

5.08U Datasheet (PDF)

Go To PDF Page Download Datasheet
5.08U Datasheet PDF - Lumberg

Part # 5.08U
Download  5.08U Click to download

File Size   87.62 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Leiterplatten-Direktsteckverbinder, Raster 5,08 mm

5.08U Datasheet (HTML) - Lumberg

5.08U Datasheet HTML 1Page - Lumberg



Similar Part No. - 5.08U

ManufacturerPart #DatasheetDescription
logo
Lumberg
5.08U LUMBERG-5.08U Datasheet
354Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UF LUMBERG-5.08UF Datasheet
455Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08U LUMBERG-5.08U_18 Datasheet
354Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Similar Description - 5.08U

ManufacturerPart #DatasheetDescription
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
2.5R LUMBERG-2.5R Datasheet
88Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,5 mm
2.54R LUMBERG-2.54R Datasheet
89Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,54 mm
3.96R LUMBERG-3.96R Datasheet
90Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 3,96 mm
5FL LUMBERG-5FL Datasheet
87Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 5,0 mm
2.54FL LUMBERG-2.54FL Datasheet
89Kb / 1P
   Leiterplatten-Direktsteckverbinder,
6779 LUMBERG-6779 Datasheet
75Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC200-508 LUMBERG-MC200-508 Datasheet
94Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
ME040-508 LUMBERG-ME040-508 Datasheet
101Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com