Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.96UFL Datasheet (PDF) - Lumberg

3.96UFL Datasheet PDF - Lumberg
Part # 3.96UFL
Download  3.96UFL Download

File Size   90.08 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Leiterplatten-Direktsteckverbinder, Raster 3,96 mm

3.96UFL Datasheet (PDF)

Go To PDF Page Download Datasheet
3.96UFL Datasheet PDF - Lumberg

Part # 3.96UFL
Download  3.96UFL Click to download

File Size   90.08 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Leiterplatten-Direktsteckverbinder, Raster 3,96 mm

3.96UFL Datasheet (HTML) - Lumberg

3.96UFL Datasheet HTML 1Page - Lumberg



Similar Part No. - 3.96UFL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3.9HC SEMTECH-3.9HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
3.9HCA SEMTECH-3.9HCA Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
3.9HCB SEMTECH-3.9HCB Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
3.9HS SEMTECH-3.9HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
3.9HSA SEMTECH-3.9HSA Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
More results


Similar Description - 3.96UFL

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5R LUMBERG-2.5R Datasheet
88Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,5 mm
5.08R LUMBERG-5.08R Datasheet
87Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 5,08 mm
2.54R LUMBERG-2.54R Datasheet
89Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,54 mm
5FL LUMBERG-5FL Datasheet
87Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 5,0 mm
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
2.54FL LUMBERG-2.54FL Datasheet
89Kb / 1P
   Leiterplatten-Direktsteckverbinder,
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
3853 LUMBERG-3853 Datasheet
94Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
6779 LUMBERG-6779 Datasheet
75Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com