Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30229920 Datasheet (PDF) - Lumberg

30229920 Datasheet PDF - Lumberg
Part # 30229920
Download  30229920 Download

File Size   101.86 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Micromodul??Steckverbinder, Raster 1,27 mm

30229920 Datasheet (PDF)

Go To PDF Page Download Datasheet
30229920 Datasheet PDF - Lumberg

Part # 30229920
Download  30229920 Click to download

File Size   101.86 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Micromodul??Steckverbinder, Raster 1,27 mm

30229920 Datasheet (HTML) - Lumberg

30229920 Datasheet HTML 1Page - Lumberg 30229920 Datasheet HTML 2Page - Lumberg



Similar Part No. - 30229920

ManufacturerPart #DatasheetDescription
logo
Lumberg
30229920 LUMBERG-30229920 Datasheet
553Kb / 2P
   Micro modul-Steckverbinder fur direktes Stecken, in Schneid klemm tech nik (SKT), mit Verrastung auf der Leiter - platte durch Rast haken und -nocken, mit geschlossenen Seiten wanden
30229920 LUMBERG-30229920 Datasheet
443Kb / 4P
   Micromodul connectors, pitch 1.27 mm
30229920V122 LUMBERG-30229920V122 Datasheet
443Kb / 4P
   Micromodul connectors, pitch 1.27 mm
More results


Similar Description - 30229920

ManufacturerPart #DatasheetDescription
logo
Lumberg
MICA LUMBERG-MICA Datasheet
90Kb / 2P
   Micromodul??Steckverbinder, Raster 1,27 mm
MICAL LUMBERG-MICAL Datasheet
103Kb / 2P
   Micromodul??Steckverbinder, Raster 1,27 mm
MICSW LUMBERG-MICSW Datasheet
80Kb / 2P
   Micromodul??Steckverbinder, Raster 1,27 mm
MICS LUMBERG-MICS Datasheet
222Kb / 2P
   Micromodul??Steckverbinder, Raster 1,27 mm
MICS-SMD LUMBERG-MICS-SMD Datasheet
125Kb / 2P
   Micromodul??Steckverbinder, Raster 1,27 mm
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
   Minimodul-Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
3853 LUMBERG-3853 Datasheet
94Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
3850 LUMBERG-3850 Datasheet
107Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com