Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCPHC3040AG1-XXX Datasheet (PDF) - Dubilier

DBCPHC3040AG1-XXX Datasheet PDF - Dubilier
Part # DBCPHC3040AG1-XXX
Download  DBCPHC3040AG1-XXX Download

File Size   118.38 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm

DBCPHC3040AG1-XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
DBCPHC3040AG1-XXX Datasheet PDF - Dubilier

Part # DBCPHC3040AG1-XXX
Download  DBCPHC3040AG1-XXX Click to download

File Size   118.38 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm

DBCPHC3040AG1-XXX Datasheet (HTML) - Dubilier

DBCPHC3040AG1-XXX Datasheet HTML 1Page - Dubilier



Similar Part No. - DBCPHC3040AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC3402AG1 DUBILIER-DBCPHC3402AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3403AG1 DUBILIER-DBCPHC3403AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3404AG1 DUBILIER-DBCPHC3404AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3406AG1 DUBILIER-DBCPHC3406AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3407AG1 DUBILIER-DBCPHC3407AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
More results


Similar Description - DBCPHC3040AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC2904AG1-XXX DUBILIER-DBCPHC2904AG1-XXX Datasheet
112Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 2.00mm
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC2707AG1-XXX DUBILIER-DBCPHC2707AG1-XXX Datasheet
100Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 2.00mm
DBCPHC1704AG1-XXX DUBILIER-DBCPHC1704AG1-XXX Datasheet
103Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT
logo
Major League Electronic...
TSHR-2-D MAJOR-LEAGUE-TSHR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Right Angle Terminal Strip Headers
logo
Dubilier
DBCPHC1932AG1-XXX DUBILIER-DBCPHC1932AG1-XXX Datasheet
74Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com