Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13316-12LF Datasheet (PDF) - Skyworks Solutions Inc.

SKY13316-12LF Datasheet PDF - Skyworks Solutions Inc.
Part # SKY13316-12LF
Download  SKY13316-12LF Download

File Size   480.26 Kbytes
Page   4 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description GaAs IC SPST Non-Reflective Switch 300 kHz -2.5 GHz

SKY13316-12LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY13316-12LF Datasheet PDF - Skyworks Solutions Inc.

Part # SKY13316-12LF
Download  SKY13316-12LF Click to download

File Size   480.26 Kbytes
Page   4 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description GaAs IC SPST Non-Reflective Switch 300 kHz -2.5 GHz

SKY13316-12LF Datasheet (HTML) - Skyworks Solutions Inc.

SKY13316-12LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13316-12LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13316-12LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13316-12LF Datasheet HTML 4Page - Skyworks Solutions Inc.

SKY13316-12LF Product details

Description
The SKY13316-12LF is a non-reflective SPST switch designed for low cost, low power commercial applications. It is ideal for use as a building block for high isolation multi-throw switches.

Features
• High isolation (50 dB @ 900 MHz)
• J1 reflective (open) in isolation state
• J2 non-reflective in isolation state
• Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C per JEDEC J-STD-020




Similar Part No. - SKY13316-12LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13314-374LF SKYWORKS-SKY13314-374LF Datasheet
735Kb / 11P
   SKY13314-374LF 0.1-6.0 GHz GaAs SPDT Switch
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
931Kb / 5P
   PHEMT GaAs IC High-Power 4-CTL DPDT Switch LF - 6 GHz
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY13319-374LF SKYWORKS-SKY13319-374LF Datasheet
149Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
More results


Similar Description - SKY13316-12LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS002R2-12 SKYWORKS-AS002R2-12_06 Datasheet
150Kb / 4P
   GaAs IC SPDT Low-Loss Reflective Switch 300 kHz-2.5 GHz
AS130-73 SKYWORKS-AS130-73 Datasheet
117Kb / 4P
   GaAs SPST High-Isolation Switch 300 kHz-2.5 GHz
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
   GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
AS183-92 SKYWORKS-AS183-92 Datasheet
168Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS169-73 SKYWORKS-AS169-73 Datasheet
144Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
logo
Alpha Industries
AS259M1-12 ALPHA-AS259M1-12 Datasheet
26Kb / 2P
   GaAs IC SPST Non-Reflective Switch DC
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
   GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
Alpha Industries
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
   GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
Skyworks Solutions Inc.
ISO13316 SKYWORKS-ISO13316 Datasheet
686Kb / 7P
   DC to 6 GHz Hermetic GaAs IC SPST Non-Reflective Switch
April 18, 2017
AF002C1-39 SKYWORKS-AF002C1-39 Datasheet
326Kb / 6P
   GaAs IC Control FET Series 300 kHz-2.5 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com