Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC132C8 Datasheet (PDF) - Hittite Microwave Corporation

HMC132C8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC132C8_01
Download  HMC132C8 Download

File Size   135.43 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz

HMC132C8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC132C8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC132C8_01
Download  HMC132C8 Click to download

File Size   135.43 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz

HMC132C8 Datasheet (HTML) - Hittite Microwave Corporation

HMC132C8_01 Datasheet HTML 1Page - Hittite Microwave Corporation HMC132C8_01 Datasheet HTML 2Page - Hittite Microwave Corporation HMC132C8_01 Datasheet HTML 3Page - Hittite Microwave Corporation HMC132C8_01 Datasheet HTML 4Page - Hittite Microwave Corporation HMC132C8_01 Datasheet HTML 5Page - Hittite Microwave Corporation HMC132C8_01 Datasheet HTML 6Page - Hittite Microwave Corporation



Similar Part No. - HMC132C8_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
   GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
More results


Similar Description - HMC132C8_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
   GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
HMC234C8 HITTITE-HMC234C8_08 Datasheet
174Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC347C8 HITTITE-HMC347C8_08 Datasheet
178Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G7 HITTITE-HMC232G7 Datasheet
173Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC233G8 HITTITE-HMC233G8_08 Datasheet
157Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com