Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5LA Datasheet (PDF) - Omron Electronics LLC

G5LA Datasheet PDF - Omron Electronics LLC
Part # G5LA
Download  G5LA Download

File Size   351.69 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Relay

G5LA Datasheet (PDF)

Go To PDF Page Download Datasheet
G5LA Datasheet PDF - Omron Electronics LLC

Part # G5LA
Download  G5LA Click to download

File Size   351.69 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Relay

G5LA Datasheet (HTML) - Omron Electronics LLC

G5LA Datasheet HTML 1Page - Omron Electronics LLC G5LA Datasheet HTML 2Page - Omron Electronics LLC G5LA Datasheet HTML 3Page - Omron Electronics LLC G5LA Datasheet HTML 4Page - Omron Electronics LLC G5LA Datasheet HTML 5Page - Omron Electronics LLC G5LA Datasheet HTML 6Page - Omron Electronics LLC G5LA Datasheet HTML 7Page - Omron Electronics LLC G5LA Datasheet HTML 8Page - Omron Electronics LLC

G5LA Product details

A Cubic, Single-pole 10A Power Relay

• Economical cube relay with universal terminal footprint
• Conforms to VDE0435, CQC
• UL recognized/ CSA certified.
• High switching power: 10A @ 250VAC
• Withstands impulse of up to 4,500V
• Coil power consumption: 360mW
• UL Class F coil insulation type also available
• Tracking resistance: CTI>250
• RoHS Compliant




Similar Part No. - G5LA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LA OMRON-G5LA Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA-1 OMRON-G5LA-1 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
List of Unclassifed Man...
G5LA-1 ETC2-G5LA-1 Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA-1 OMRON-G5LA-1 Datasheet
269Kb / 6P
   PCB Relay
G5LA-1 OMRON-G5LA-1 Datasheet
269Kb / 6P
   PCB Relay
More results


Similar Description - G5LA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com