Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR106 Datasheet (PDF) - RFE international

FR106 Datasheet PDF - RFE international
Part # FR106
Download  FR106 Download

File Size   95.29 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers

FR106 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR106 Datasheet PDF - RFE international

Part # FR106
Download  FR106 Click to download

File Size   95.29 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers

FR106 Datasheet (HTML) - RFE international

FR106 Datasheet HTML 1Page - RFE international

FR106 Product details

LEADED (THRU-HOLE)
General Purpose & Fast Recovery Rectifiers

GENERAL PURPOSE RECTIFIERS (Including Glass Passivated, use G suffix) Operating Temperature: -65°C to 125°

FAST RECOVERY Operating Temperature: -65°C to 125°C




Similar Part No. - FR106

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR106 CHENG-YI-FR106 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Surge Components
FR106 SURGE-FR106 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR106 YANGJIE-FR106 Datasheet
212Kb / 4P
   Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
FR106 DEC-FR106 Datasheet
670Kb / 2P
   Fast switching for high efficiency
logo
GOOD-ARK Electronics
FR106 GOOD-ARK-FR106 Datasheet
194Kb / 3P
   FAST RECOVERY RECTIFIER
More results


Similar Description - FR106

ManufacturerPart #DatasheetDescription
logo
RFE international
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
1A1 RFE-1A1 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
HER101 RFE-HER101 Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
SF61 RFE-SF61 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
logo
Formosa MS
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
RFE international
GP02-25 RFE-GP02-25 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
logo
Formosa MS
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com