Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT2014P5-13 Datasheet (PDF) - Diodes Incorporated

DXT2014P5-13 Datasheet PDF - Diodes Incorporated
Part # DXT2014P5-13
Download  DXT2014P5-13 Download

File Size   200.06 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2014P5-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT2014P5-13 Datasheet PDF - Diodes Incorporated

Part # DXT2014P5-13
Download  DXT2014P5-13 Click to download

File Size   200.06 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2014P5-13 Datasheet (HTML) - Diodes Incorporated

DXT2014P5-13 Datasheet HTML 1Page - Diodes Incorporated DXT2014P5-13 Datasheet HTML 2Page - Diodes Incorporated DXT2014P5-13 Datasheet HTML 3Page - Diodes Incorporated DXT2014P5-13 Datasheet HTML 4Page - Diodes Incorporated DXT2014P5-13 Datasheet HTML 5Page - Diodes Incorporated DXT2014P5-13 Datasheet HTML 6Page - Diodes Incorporated DXT2014P5-13 Datasheet HTML 7Page - Diodes Incorporated

DXT2014P5-13 Product details

Features
• 43% Smaller than SOT223; 60% Smaller than TO252
• Maximum Height: 1.1mm
• Rated up to 3.2W
• VCEO = -140V
• IC = -4A; ICM = -10A
• Low Saturation Voltage
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q101, PPAP capable, and
   manufactured in IATF16949 certified facilities), please
   contact us or your local Diodes representative.
• https://www.diodes.com/quality/product-definitions/

Applications
• SLIC DC-DC Converter




Similar Part No. - DXT2014P5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2014P5 DIODES-DXT2014P5_15 Datasheet
200Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
More results


Similar Description - DXT2014P5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2014P5 DIODES-DXT2014P5_15 Datasheet
200Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
FZT955 DIODES-FZT955_16 Datasheet
615Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR
ZXTP25140BFHQ DIODES-ZXTP25140BFHQ Datasheet
476Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
LBTP4140Z4TZHG LRC-LBTP4140Z4TZHG Datasheet
460Kb / 5P
   140V PNP MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
ZXTP25140BFH DIODES-ZXTP25140BFH Datasheet
394Kb / 6P
   140V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP23140BFH ZETEX-ZXTP23140BFH Datasheet
386Kb / 6P
   140V SOT23 PNP medium power transistor
ZXTP25140BFH ZETEX-ZXTP25140BFH Datasheet
388Kb / 6P
   140V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP23140BFH DIODES-ZXTP23140BFH Datasheet
393Kb / 6P
   140V SOT23 PNP medium power transistor
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com