Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PMT4119E3 Datasheet (PDF) - Microsemi Corporation

1PMT4119E3 Datasheet PDF - Microsemi Corporation
Part # 1PMT4119E3
Download  1PMT4119E3 Download

File Size   139.24 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWERMITETM Low Noise 1 Watt Zener Diodes

1PMT4119E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1PMT4119E3 Datasheet PDF - Microsemi Corporation

Part # 1PMT4119E3
Download  1PMT4119E3 Click to download

File Size   139.24 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWERMITETM Low Noise 1 Watt Zener Diodes

1PMT4119E3 Datasheet (HTML) - Microsemi Corporation

1PMT4119E3 Datasheet HTML 1Page - Microsemi Corporation 1PMT4119E3 Datasheet HTML 2Page - Microsemi Corporation 1PMT4119E3 Datasheet HTML 3Page - Microsemi Corporation 1PMT4119E3 Datasheet HTML 4Page - Microsemi Corporation

1PMT4119E3 Product details

DESCRIPTION
This Microsemi Powermite® surface mount low noise Zener package series provides a higher power handling capability that are also RoHS compliant. In addition to its size advantages, Powermite® package features include a full-metallic bottom that eliminates the possibility of solder flux entrapment during assembly, and a unique locking tab acts as an efficient heat path from die to mounting plane for external heat sinking with very low thermal resistance junction to case (bottom). Its innovative design makes this device ideal for use with automatic insertion equipment.

FEATURES
• Surface mount equivalent to JEDEC registered
   1N4099 thru 1N4135 and 1N4614 thru 1N4627
   series except with additional power capability
• Extensive selection from 1.8 to 100 V
• Regulates voltage over a broad operating current and
   temperature range
• Low noise density (1-3 kHz) at test current
• Low reverse leakage current
• RoHS compliant

APPLICATIONS / BENEFITS
• Tight tolerances available in plus or minus 2% or 1%
   with C or D suffix respectively
• Moisture classification Level 1 per IPC/JEDEC
   J-STD-020B with no dry pack required
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Compatible with automatic insertion equipment
• Full metallic bottom eliminates flux entrapment




Similar Part No. - 1PMT4119E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT4119 MICROSEMI-1PMT4119 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
More results


Similar Description - 1PMT4119E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com