Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA304F Datasheet (PDF) - Solid States Devices, Inc

SDA304F Datasheet PDF - Solid States Devices, Inc
Part # SDA304F
Download  SDA304F Download

File Size   108.87 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 10 AMP 50 to 1,000 VOLT STANDARD RECOVERY SINGLE PHASE BRIDGE

SDA304F Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA304F Datasheet PDF - Solid States Devices, Inc

Part # SDA304F
Download  SDA304F Click to download

File Size   108.87 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 10 AMP 50 to 1,000 VOLT STANDARD RECOVERY SINGLE PHASE BRIDGE

SDA304F Datasheet (HTML) - Solid States Devices, Inc

SDA304F Datasheet HTML 1Page - Solid States Devices, Inc SDA304F Datasheet HTML 2Page - Solid States Devices, Inc

SDA304F Product details

FEATURES:

• PIV 50 to 1,000 Volts

• Average Output 10A

• Reverse Recovery 5μsec Max

• Avalanche Breakdown

• Small Size

• Hermetically Sealed Rectifier

• Easy PC Mounting

• Maximum Thermal Resistance 5.0°C/W

• -55 to +150°C Operating and Storage Temperature

• Also Available in Fast, Ultra Fast, and Hyper Fast Versions – Contact Factory

• TX and TXV Screening Available



Similar Part No. - SDA304F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA3002 ETC1-SDA3002 Datasheet
329Kb / 10P
   BIPOLAR IC
logo
Shanghai Leiditech Elec...
SDA3011CDN LEIDITECH-SDA3011CDN Datasheet
1,001Kb / 4P
   1-Line Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Siemens Semiconductor G...
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
More results


Similar Description - SDA304F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
   10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
logo
Micro Commercial Compon...
MP1005 MCC-MP1005 Datasheet
115Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005_08 Datasheet
123Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
KBPC1000S MCC-KBPC1000S Datasheet
79Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR1005 MCC-BR1005 Datasheet
252Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005 Datasheet
79Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS1001 MCC-RS1001_16 Datasheet
256Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU1001 KISEMICONDUCTOR-KBU1001 Datasheet
69Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RS1001 MCC-RS1001 Datasheet
78Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005_11 Datasheet
171Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com