Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD3911TX Datasheet (PDF) - Solid States Devices, Inc

SPD3911TX Datasheet PDF - Solid States Devices, Inc
Part # SPD3911TX
Download  SPD3911TX Download

File Size   75.78 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30A, 200nsec, 50-400 V Fast Recovery Rectifier

SPD3911TX Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD3911TX Datasheet PDF - Solid States Devices, Inc

Part # SPD3911TX
Download  SPD3911TX Click to download

File Size   75.78 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30A, 200nsec, 50-400 V Fast Recovery Rectifier

SPD3911TX Datasheet (HTML) - Solid States Devices, Inc

SPD3911TX Datasheet HTML 1Page - Solid States Devices, Inc SPD3911TX Datasheet HTML 2Page - Solid States Devices, Inc



Similar Part No. - SPD3911TX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3900 SSDI-SPD3900 Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SPD3901 SSDI-SPD3901 Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SPD3902 SSDI-SPD3902 Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SPD3903 SSDI-SPD3903 Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
More results


Similar Description - SPD3911TX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N3909 SSDI-1N3909 Datasheet
101Kb / 2P
   30A, 200nsec, 50-400 V Fast Recovery Rectifier
SPD3889 SSDI-SPD3889 Datasheet
163Kb / 2P
   12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
   30A 35nsec 400 to 600 V Hyper Fast Rectifier
logo
TAITRON Components Inco...
FEN30FP TAITRON-FEN30FP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
logo
List of Unclassifed Man...
FEN30FP ETC2-FEN30FP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
logo
TAITRON Components Inco...
FEN30AP TAITRON-FEN30AP Datasheet
140Kb / 4P
   30A Super Fast Recovery Rectifier
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
   Rad-Hard 60 A - 400 V fast recovery rectifier
June 2020 Rev 3
logo
Micro Commercial Compon...
ER10A MCC-ER10A Datasheet
353Kb / 3P
   10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER6A MCC-ER6A Datasheet
80Kb / 2P
   6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
   10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com