Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM0834LID Datasheet (PDF) - Wolfson Microelectronics plc

WM0834LID Datasheet PDF - Wolfson Microelectronics plc
Part # WM0834LID
Download  WM0834LID Download

File Size   684.61 Kbytes
Page   16 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer

WM0834LID Datasheet (PDF)

Go To PDF Page Download Datasheet
WM0834LID Datasheet PDF - Wolfson Microelectronics plc

Part # WM0834LID
Download  WM0834LID Click to download

File Size   684.61 Kbytes
Page   16 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer

WM0834LID Datasheet (HTML) - Wolfson Microelectronics plc

Back Button WM0834LID Datasheet HTML 1Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 2Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 3Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 4Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 5Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 6Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 7Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 8Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 9Page - Wolfson Microelectronics plc WM0834LID Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button 

WM0834LID Product details

Description
WM0834 and WM0838 are 8-bit analogue to digital converters (ADC) with configurable 4-input and 8-input multiplexers respectively and a serial I/O interface.
Assignment of the multiplexer inputs is configured before each conversion via the serial data input to give single-ended or differential operation for the selected inputs. A mixture of input configurations can be used in the same application. WM0838 also has a pseudo-differential configuration where all 8 inputs can be refered to a common input at an arbitrary voltage.

Features
• Functionally Equivalent to National Semiconductor ADC0834 and ADC0838 without the Internal Zener Regulator Network
• 4-input (WM0834) or 8-input (WM0838) MUX options
• Reference input operates ratiometrically or with a fixed reference
• Input range 0 to Vcc with Vcc Reference
• 5V and 3.3V variants
• Total Unadjusted Error: ± 1 LSB
• 8-bit resolution
• Low Power
• 32 µs conversion time at fclock = 250 kHz
• Serial I/O interface
• WM0834 packages: 14 pin SO & DIP
  WM0838 packages: 20 pin wide-body SO & DIP

Applications
• Embedding with remote sensors
• Equipment health monitoring
• Automotive
• Industrial control




Similar Part No. - WM0834LID

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831CD WOLFSON-WM0831CD Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831CP WOLFSON-WM0831CP Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831ID WOLFSON-WM0831ID Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831IP WOLFSON-WM0831IP Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
More results


Similar Description - WM0834LID

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Linear Technology
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com