Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3503DM Datasheet (PDF) - Microsemi Corporation

SG3503DM Datasheet PDF - Microsemi Corporation
Part # SG3503DM
Download  SG3503DM Download

File Size   152.42 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PRECISION 2.5-VOLT REFERENCE

SG3503DM Datasheet (PDF)

Go To PDF Page Download Datasheet
SG3503DM Datasheet PDF - Microsemi Corporation

Part # SG3503DM
Download  SG3503DM Click to download

File Size   152.42 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PRECISION 2.5-VOLT REFERENCE

SG3503DM Datasheet (HTML) - Microsemi Corporation

SG3503DM Datasheet HTML 1Page - Microsemi Corporation SG3503DM Datasheet HTML 2Page - Microsemi Corporation SG3503DM Datasheet HTML 3Page - Microsemi Corporation

SG3503DM Product details

DESCRIPTION

This monolithic integrated circuit is a fully self-contained precision voltage reference generator, internally trimmed for ±1% accuracy. Requiring less than 2mA in quiescent current, this device can deliver in excess of 10mA with total load- and line-induced tolerances of less than 0.5%. In additon to voltage accuracy, internal trimming achieves a temperature coefficient of output voltage of typically 10 ppm/°C. As a result, these references are excellent choices for application to critical instrumentation and D-to-A converter systems.



FEATURES

• Output voltage trimmed to ±1%

• Input voltage range of 4.5 to 40V

• Temperature coefficent of 10ppm/°C

• Quiescent current typically 1.5mA

• Output current in excess of 10mA

• Interchangeable with MC1503 and AD580



HIGH RELIABILITY FEATURES - SG1503

♦ Available to MIL-STD-883 and DESC SMD

♦ Radiation data available

♦ LMI level "S" processing available



 




Similar Part No. - SG3503DM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG350 LITTELFUSE-SG350 Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
logo
List of Unclassifed Man...
SG3501A ETC1-SG3501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG3501AJ ETC1-SG3501AJ Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG3501AN ETC1-SG3501AN Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG3501AT ETC1-SG3501AT Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
More results


Similar Description - SG3503DM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX580 MAXIM-MX580 Datasheet
99Kb / 4P
   High Precision 2.5 Volt Reference
Rev 1; 8/96
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com