Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE51AE3 Datasheet (PDF) - Microsemi Corporation

P6KE51AE3 Datasheet PDF - Microsemi Corporation
Part # P6KE51AE3
Download  P6KE51AE3 Download

File Size   246.66 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 600 Watt TRANSIENT VOLTAGE SUPPRESSOR

P6KE51AE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE51AE3 Datasheet PDF - Microsemi Corporation

Part # P6KE51AE3
Download  P6KE51AE3 Click to download

File Size   246.66 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 600 Watt TRANSIENT VOLTAGE SUPPRESSOR

P6KE51AE3 Datasheet (HTML) - Microsemi Corporation

P6KE51AE3 Datasheet HTML 1Page - Microsemi Corporation P6KE51AE3 Datasheet HTML 2Page - Microsemi Corporation P6KE51AE3 Datasheet HTML 3Page - Microsemi Corporation P6KE51AE3 Datasheet HTML 4Page - Microsemi Corporation

P6KE51AE3 Product details

DESCRIPTION
This P6KE series is an economical 600 W Transient Voltage Suppressor (TVS) for protecting voltage-sensitive components from destruction or degradation. It is available in both unidirectional and bi-directional configurations as well as RoHS Compliant (annealed matte-Tin finish) with an e3 suffix added to the part number. The response time of their clamping action is virtually instantaneous.

FEATURES
• Available in both unidirectional and bidirectional (add C or CA suffix to part number for bidirectional)
• Optional 100% screening for avionics grade is available by adding MA prefix to part number for added 100% temperature cycle -55°C to +125°C (10X) as well as surge (3X) and 24 hours HTRB with post test VZ & IR (in the operating direction for unidirectional or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF- 19500 for JAN, JANTX, and JANTXV are available by adding MQ, MX, or MV prefixes respectively to part numbers.
• Surface mount equivalents available as SMBJP6KE6.8 to SMBJP6KE200CA or SMBJ5.0 to SMBJ170CA (consult factory for other surface mount options)
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Selections for 6.8 to 200 volts breakdown (VBR)
• Economical TVS series for thru-hole mounting
• Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T2L, etc.
• Protection from switching transients & induced RF
• Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
    Class 1: P6KE6.8 to P6KE130A or CA
    Class 2: P6KE6.8 to P6KE68A or CA
    Class 3: P6KE6.8 to P6KE36A or CA
    Class 4: P6KE6.8 to P6KE18A or CA
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
    Class 1: P6KE6.8 to P6KE43A or CA
    Class 2: P6KE6.8 to P6KE22A or CA




Similar Part No. - P6KE51AE3

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
P6KE51A UNIOHM-P6KE51A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6KE51A SUNMATE-P6KE51A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Motorola, Inc
P6KE51A MOTOROLA-P6KE51A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Ruilongyuan Electronics...
P6KE51A RUILON-P6KE51A Datasheet
895Kb / 7P
   Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
P6KE51A EIC-P6KE51A Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - P6KE51AE3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ12A822 FAIRCHILD-SMBJ12A822 Datasheet
67Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
SMBJ12A933 FAIRCHILD-SMBJ12A933 Datasheet
83Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG28CA MICROSEMI-SMBG28CA Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com