Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE30 Datasheet (PDF) - Won-Top Electronics

1.5KE30 Datasheet PDF - Won-Top Electronics
Part # 1.5KE30
Download  1.5KE30 Download

File Size   65.26 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1500W TRANSIENT VOLTAGE SUPPRESSORS

1.5KE30 Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE30 Datasheet PDF - Won-Top Electronics

Part # 1.5KE30
Download  1.5KE30 Click to download

File Size   65.26 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1500W TRANSIENT VOLTAGE SUPPRESSORS

1.5KE30 Datasheet (HTML) - Won-Top Electronics

1.5KE30 Datasheet HTML 1Page - Won-Top Electronics 1.5KE30 Datasheet HTML 2Page - Won-Top Electronics 1.5KE30 Datasheet HTML 3Page - Won-Top Electronics 1.5KE30 Datasheet HTML 4Page - Won-Top Electronics 1.5KE30 Datasheet HTML 5Page - Won-Top Electronics

1.5KE30 Product details

Features
● Glass Passivated Die Construction
● 1500W Peak Pulse Power Dissipation
● 6.8V – 440V Standoff Voltage
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - 1.5KE30

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE30 NJSEMI-1.5KE30 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE30 TRSYS-1.5KE30 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE30 DIOTEC-1.5KE30 Datasheet
151Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE30 TSC-1.5KE30 Datasheet
113Kb / 3P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
1.5KE30 PANJIT-1.5KE30 Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results


Similar Description - 1.5KE30

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
   1500W Transient Voltage Suppressors
logo
Won-Top Electronics
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6138 SEMTECH-1N6138_07 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
1N6138 SEMTECH-1N6138_10 Datasheet
94Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
logo
New Jersey Semi-Conduct...
1N6138 NJSEMI-1N6138 Datasheet
246Kb / 2P
   1500W BIPOLAR TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com