Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0850A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB0850A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB0850A
Download  TB0850A Download

File Size   400.1 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAQ Filter 153.6MHz SMD 13.3 x 6.5mm

TB0850A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB0850A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0850A
Download  TB0850A Click to download

File Size   400.1 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAQ Filter 153.6MHz SMD 13.3 x 6.5mm

TB0850A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB0850A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0850A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0850A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0850A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0850A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0850A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0850A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB0850A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0854A TAI-SAW-TB0854A Datasheet
315Kb / 7P
   SAW Filter 138MHz 60MHz BW (SMD 5.0x7.0 mm)
TB0856A TAI-SAW-TB0856A Datasheet
310Kb / 7P
   SAW Filter 70MHz 24MHz BW (SMD 13.3횞6.5 mm)
More results


Similar Description - TB0850A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01787 GOLLEDGE-MP01787 Datasheet
102Kb / 7P
   IF SAW Filter: 70MHz (BW = 9MHz) SMD 13.3 X 6.5mm
MP02147 GOLLEDGE-MP02147 Datasheet
73Kb / 6P
   SAW Filter: 70MHz (BW = 0.8MHz) (SMD 13.3 횞 6.5mm)
logo
TAI-SAW TECHNOLOGY CO.,...
TB1322A TAI-SAW-TB1322A Datasheet
395Kb / 7P
   70 MHz 5.85MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB0781A TAI-SAW-TB0781A Datasheet
398Kb / 7P
   IF SAW Filter 153.6MHz(BW=5MHz) SMD 5X7mm
TB1075A TAI-SAW-TB1075A Datasheet
295Kb / 7P
   SAW Filter 153.6MHz 1.23MHz BW (SMD 7.0횞5.0 mm)
TB0783A TAI-SAW-TB0783A Datasheet
397Kb / 7P
   IF SAW Filter 153.6MHz(BW=15MHz) SMD 5X7mm
logo
SIPAT Co,Ltd
LBT15406 SIPAT-LBT15406 Datasheet
319Kb / 3P
   153.6MHz SAW Filter 0.05MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1319A TAI-SAW-TB1319A Datasheet
396Kb / 7P
   70 MHz 3.77MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB0772A TAI-SAW-TB0772A Datasheet
399Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB1054A TAI-SAW-TB1054A Datasheet
294Kb / 7P
   SAW Filter 153.6MHz 1.23MHz BW (SMD 7.0횞5.0 mm)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com