Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2503 Datasheet (PDF) - Won-Top Electronics

BD2503 Datasheet PDF - Won-Top Electronics
Part # BD2503
Download  BD2503 Download

File Size   48.32 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A BOSCH TYPE PRESS-FIT DIODE

BD2503 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD2503 Datasheet PDF - Won-Top Electronics

Part # BD2503
Download  BD2503 Click to download

File Size   48.32 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A BOSCH TYPE PRESS-FIT DIODE

BD2503 Datasheet (HTML) - Won-Top Electronics

BD2503 Datasheet HTML 1Page - Won-Top Electronics BD2503 Datasheet HTML 2Page - Won-Top Electronics BD2503 Datasheet HTML 3Page - Won-Top Electronics

BD2503 Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 5.0µA




Similar Part No. - BD2503

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD2503 WTE-BD2503 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2503 WTE-BD2503 Datasheet
32Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
More results


Similar Description - BD2503

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_14 Datasheet
32Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD25160 WTE-BD25160 Datasheet
31Kb / 2P
   25A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com