Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0326A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TW0326A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TW0326A
Download  TW0326A Download

File Size   400.08 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 12.288MHz Crystal Oscillator

TW0326A Datasheet (PDF)

Go To PDF Page Download Datasheet
TW0326A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0326A
Download  TW0326A Click to download

File Size   400.08 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 12.288MHz Crystal Oscillator

TW0326A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TW0326A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0326A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0326A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0326A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0326A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0326A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0326A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TW0326A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TW0326A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0324C TAI-SAW-TW0324C Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
More results


Similar Description - TW0326A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0296A TAI-SAW-TZ0296A Datasheet
215Kb / 5P
   SMD 5.0x3.2 12.288MHz Crystal Unit
REV. NO.: 2
TZ1228A TAI-SAW-TZ1228A Datasheet
160Kb / 7P
   Crystal Unit SMD 5.0x3.2 12.288MHz
REV. NO.: 1
TW0229A TAI-SAW-TW0229A Datasheet
207Kb / 5P
   SMD 7.0x5.0 12.288MHz Crystal Oscillator
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
   SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com