Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0187A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TX0187A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TX0187A
Download  TX0187A Download

File Size   225.84 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 3.2x2.5 19.200MHz TCXO

TX0187A Datasheet (PDF)

Go To PDF Page Download Datasheet
TX0187A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0187A
Download  TX0187A Click to download

File Size   225.84 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 3.2x2.5 19.200MHz TCXO

TX0187A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TX0187A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0187A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0187A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0187A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0187A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TX0187A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TX0187A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TX0187A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0184A TAI-SAW-TX0184A Datasheet
296Kb / 6P
   SMD 5.0x3.2 14.7456MHz TCXO
More results


Similar Description - TX0187A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0279A TAI-SAW-TX0279A Datasheet
213Kb / 6P
   SMD 3.2x2.5 16.367667MHz TCXO
TX0382A TAI-SAW-TX0382A Datasheet
338Kb / 7P
   TCXO SMD 3.2x2.5 13.000MHz
TX0322A TAI-SAW-TX0322A Datasheet
130Kb / 7P
   TCXO SMD 3.2x2.5 26MHz
REV. NO.: 2.0
TX0554A TAI-SAW-TX0554A Datasheet
238Kb / 7P
   TCXO SMD 3.2x2.5 26.000MHz
REV. NO.: 1
TX0397A TAI-SAW-TX0397A Datasheet
340Kb / 7P
   TCXO SMD 3.2x2.5 16.369000MHz
REV. NO.: 1
TX0280A TAI-SAW-TX0280A Datasheet
213Kb / 6P
   SMD 3.2x2.5 16.369MHz TCXO
TX0605BA5332 TAI-SAW-TX0605BA5332 Datasheet
206Kb / 9P
   TCXO SMD 3.2x2.5 12MHz
REV. NO: 1
TX0545A TAI-SAW-TX0545A Datasheet
157Kb / 7P
   TCXO SMD 3.2x2.5 32.000MHz
REV. NO.: 1
TX0240A TAI-SAW-TX0240A Datasheet
265Kb / 6P
   SMD 3.2x2.5 16.367667MHz TCXO
TX0386A TAI-SAW-TX0386A Datasheet
340Kb / 7P
   TCXO SMD 3.2x2.5 16.367667MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com