Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD304S Datasheet (PDF) - Won-Top Electronics

DD304S Datasheet PDF - Won-Top Electronics
Part # DD304S
Download  DD304S Download

File Size   23.67 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A 8.4mm/9.5mm DISH DIODE

DD304S Datasheet (PDF)

Go To PDF Page Download Datasheet
DD304S Datasheet PDF - Won-Top Electronics

Part # DD304S
Download  DD304S Click to download

File Size   23.67 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A 8.4mm/9.5mm DISH DIODE

DD304S Datasheet (HTML) - Won-Top Electronics

DD304S Datasheet HTML 1Page - Won-Top Electronics DD304S Datasheet HTML 2Page - Won-Top Electronics

DD304S Product details

30A 8.4mm/9.5mm DISH DIODE



Features

! Glass Passivated Die Construction

! Low Leakage

! Low Cost

! High Surge Current Capability

! Low Forward

! C-Band Terminal Construction




Similar Part No. - DD304S

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD30 REICU-DD30 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D05 REICU-DD30-110D05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D12 REICU-DD30-110D12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S05 REICU-DD30-110S05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S12 REICU-DD30-110S12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
More results


Similar Description - DD304S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD500 WTE-DD500 Datasheet
23Kb / 2P
   50A 8.4mm/9.5mm DISH DIODE
DD200 WTE-DD200 Datasheet
23Kb / 2P
   20A 8.4mm/9.5mm DISH DIODE
logo
DIOTEC Electronics Corp...
TVS3527D DEC-TVS3527D Datasheet
176Kb / 1P
   35 AMP OVERVOLTAGE TRANSIENT DISH DIODE
logo
Shenzhen Ping Sheng Ele...
DR351 PFS-DR351 Datasheet
159Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Gilway Technical Lamp
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
   9.5mm Base Lampholders
logo
DB Lectro Inc
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
   FEMALE HEADER PROFILE : 8.4mm STRAIGHT
logo
Won-Top Electronics
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
DR351 MIC-DR351 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Laird Tech Smart Techno...
S24024P LSTD-S24024P Datasheet
702Kb / 1P
   Parabolic Dish Antenna
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com