Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC115EUA Datasheet (PDF) - Rohm

DTC115EUA Datasheet PDF - Rohm
Part # DTC115EUA
Download  DTC115EUA Download

File Size   188.04 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors (with built-in resistors)

DTC115EUA Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC115EUA Datasheet PDF - Rohm

Part # DTC115EUA
Download  DTC115EUA Click to download

File Size   188.04 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors (with built-in resistors)

DTC115EUA Datasheet (HTML) - Rohm

DTC115EUA Datasheet HTML 1Page - Rohm DTC115EUA Datasheet HTML 2Page - Rohm DTC115EUA Datasheet HTML 3Page - Rohm



Similar Part No. - DTC115EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115EUA ROHM-DTC115EUA Datasheet
68Kb / 4P
   Digital transistors (built-in resistors)
DTC115EUA ROHM-DTC115EUA Datasheet
82Kb / 3P
   Digital transistors (built-in resistors)
DTC115EUA ROHM-DTC115EUA Datasheet
540Kb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115EUA ROHM-DTC115EUA Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115EUA ROHM-DTC115EUA Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
More results


Similar Description - DTC115EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com