Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C16 Datasheet (PDF) - Won-Top Electronics

BZX84C16 Datasheet PDF - Won-Top Electronics
Part # BZX84C16
Download  BZX84C16 Download

File Size   56.7 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 350mW SURFACE MOUNT ZENER DIODE

BZX84C16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C16 Datasheet PDF - Won-Top Electronics

Part # BZX84C16
Download  BZX84C16 Click to download

File Size   56.7 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 350mW SURFACE MOUNT ZENER DIODE

BZX84C16 Datasheet (HTML) - Won-Top Electronics

BZX84C16 Datasheet HTML 1Page - Won-Top Electronics BZX84C16 Datasheet HTML 2Page - Won-Top Electronics BZX84C16 Datasheet HTML 3Page - Won-Top Electronics BZX84C16 Datasheet HTML 4Page - Won-Top Electronics

BZX84C16 Product details

Features

● Planar Die Construction

● 350mW Power Dissipation

● 2.4 – 51V Nominal Zener Voltage

● 5% Standard Vz Tolerance

● Designed for Surface Mount Application

● Plastic Material – UL Recognition Flammability Classification 94V-O



 




Similar Part No. - BZX84C16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C16 VISHAY-BZX84C16 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84C16 SECOS-BZX84C16 Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Diotec Semiconductor
BZX84C16 DIOTEC-BZX84C16 Datasheet
126Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Jiangsu Changjiang Elec...
BZX84C16 JIANGSU-BZX84C16 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
logo
AiT Semiconductor Inc.
BZX84C16 AITSEMI-BZX84C16 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Similar Description - BZX84C16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com