Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1K-T1 Datasheet (PDF) - Won-Top Electronics

FR1K-T1 Datasheet PDF - Won-Top Electronics
Part # FR1K-T1
Download  FR1K-T1 Download

File Size   50.09 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

FR1K-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR1K-T1 Datasheet PDF - Won-Top Electronics

Part # FR1K-T1
Download  FR1K-T1 Click to download

File Size   50.09 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

FR1K-T1 Datasheet (HTML) - Won-Top Electronics

FR1K-T1 Datasheet HTML 1Page - Won-Top Electronics FR1K-T1 Datasheet HTML 2Page - Won-Top Electronics FR1K-T1 Datasheet HTML 3Page - Won-Top Electronics

FR1K-T1 Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 30A Peak
● Low Power Loss
● Fast Recovery Time
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - FR1K-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR1K-T3 WTE-FR1K-T3 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
More results


Similar Description - FR1K-T1

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1JDFQ DIODES-RS1JDFQ Datasheet
466Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com