Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD2500 Datasheet (PDF) - Won-Top Electronics

LD2500 Datasheet PDF - Won-Top Electronics
Part # LD2500
Download  LD2500 Download

File Size   24.53 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A 10mm LUCAS TYPE PRESS-FIT DIODE

LD2500 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD2500 Datasheet PDF - Won-Top Electronics

Part # LD2500
Download  LD2500 Click to download

File Size   24.53 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A 10mm LUCAS TYPE PRESS-FIT DIODE

LD2500 Datasheet (HTML) - Won-Top Electronics

LD2500 Datasheet HTML 1Page - Won-Top Electronics LD2500 Datasheet HTML 2Page - Won-Top Electronics

LD2500 Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 20µA




Similar Part No. - LD2500

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2500 WTE-LD2500 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
32Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
More results


Similar Description - LD2500

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520 Datasheet
29Kb / 2P
   25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520_14 Datasheet
31Kb / 2P
   25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD5000 WTE-LD5000 Datasheet
24Kb / 2P
   50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com