Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP70CA Datasheet (PDF) - Won-Top Electronics

5KP70CA Datasheet PDF - Won-Top Electronics
Part # 5KP70CA
Download  5KP70CA Download

File Size   58.52 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5000W TRANSIENT VOLTAGE SUPPRESSORS

5KP70CA Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP70CA Datasheet PDF - Won-Top Electronics

Part # 5KP70CA
Download  5KP70CA Click to download

File Size   58.52 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5000W TRANSIENT VOLTAGE SUPPRESSORS

5KP70CA Datasheet (HTML) - Won-Top Electronics

5KP70CA Datasheet HTML 1Page - Won-Top Electronics 5KP70CA Datasheet HTML 2Page - Won-Top Electronics 5KP70CA Datasheet HTML 3Page - Won-Top Electronics 5KP70CA Datasheet HTML 4Page - Won-Top Electronics 5KP70CA Datasheet HTML 5Page - Won-Top Electronics

5KP70CA Product details

Features
● Glass Passivated Die Construction
● 5000W Peak Pulse Power Dissipation
● 5.0V – 110V Standoff Voltage
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - 5KP70CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP70CA LUGUANG-5KP70CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP70CA SURGE-5KP70CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
SUNMATE electronic Co.,...
5KP70CA SUNMATE-5KP70CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Littelfuse
5KP70CA LITTELFUSE-5KP70CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SUNMATE electronic Co.,...
5KP70CA SUNMATE-5KP70CA Datasheet
1Mb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Similar Description - 5KP70CA

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
5KP ZSELEC-5KP Datasheet
231Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com