Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4762 Datasheet (PDF) - Silicon Standard Corp.

1N4762 Datasheet PDF - Silicon Standard Corp.
Part # 1N4762
Download  1N4762 Download

File Size   173.35 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Zener Diodes

1N4762 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4762 Datasheet PDF - Silicon Standard Corp.

Part # 1N4762
Download  1N4762 Click to download

File Size   173.35 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Zener Diodes

1N4762 Datasheet (HTML) - Silicon Standard Corp.

1N4762 Datasheet HTML 1Page - Silicon Standard Corp. 1N4762 Datasheet HTML 2Page - Silicon Standard Corp. 1N4762 Datasheet HTML 3Page - Silicon Standard Corp.

1N4762 Product details

PRODUCT SUMMARY

VZ Range: 3.3 to 100 Volts

Power Dissipation: 1.0 W



FEATURES

• Silicon Planar Power Zener Diodes.

• For use in stabilizing and clipping circuits with high power rating.

• Standard Zener voltage tolerance is ±10%. Add suffix "A" for ±5% tolerance. Other Zener voltages and tolerances are available upon request.

• These diodes are also available in the MELF case with type designation 1N4728 thru 1N4764

• For bidirectional product, contact local Technical Sales office.



 




Similar Part No. - 1N4762

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4762 SURGE-1N4762 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4762 JINANJINGHENG-1N4762 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
GUANGDONG HOTTECH INDUS...
1N4762 HOTTECH-1N4762 Datasheet
494Kb / 3P
   Glass-Encapsulate Diodes
logo
Semtech Corporation
1N4762 SEMTECH-1N4762 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4762 DIOTECH-1N4762 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results


Similar Description - 1N4762

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com