Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79-C10 Datasheet (PDF) - Silicon Standard Corp.

BZX79-C10 Datasheet PDF - Silicon Standard Corp.
Part # BZX79-C10
Download  BZX79-C10 Download

File Size   455.51 Kbytes
Page   7 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description ZENER DIODES

BZX79-C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79-C10 Datasheet PDF - Silicon Standard Corp.

Part # BZX79-C10
Download  BZX79-C10 Click to download

File Size   455.51 Kbytes
Page   7 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description ZENER DIODES

BZX79-C10 Datasheet (HTML) - Silicon Standard Corp.

BZX79-C10 Datasheet HTML 1Page - Silicon Standard Corp. BZX79-C10 Datasheet HTML 2Page - Silicon Standard Corp. BZX79-C10 Datasheet HTML 3Page - Silicon Standard Corp. BZX79-C10 Datasheet HTML 4Page - Silicon Standard Corp. BZX79-C10 Datasheet HTML 5Page - Silicon Standard Corp. BZX79-C10 Datasheet HTML 6Page - Silicon Standard Corp. BZX79-C10 Datasheet HTML 7Page - Silicon Standard Corp.

BZX79-C10 Product details

PRODUCT SUMMARY

VZ range: 2.4 to 75 Volts

Power dissipation: 500mW



FEATURES

The Zener voltages are graded according to the international  E 24 standard. Higher Zener voltages and 1% tolerance available on request. 

Diodes available in these tolerance series: ±2% BZX79-B, ±3% BZX79-F, ±5% BZX79-C. 



MECHANICAL DATA

Case: DO-35 Glass Case 

Weight: approx. 0.13g




Similar Part No. - BZX79-C10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX79-C10 PHILIPS-BZX79-C10 Datasheet
61Kb / 12P
   Voltage regulator diodes
2002 Feb 27
logo
General Semiconductor
BZX79-C10 GE-BZX79-C10 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX79-C10 GOOD-ARK-BZX79-C10 Datasheet
320Kb / 7P
   Zener Diodes
logo
NXP Semiconductors
BZX79-C10 NXP-BZX79-C10 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
BZX79-C10 NXP-BZX79-C10 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
More results


Similar Description - BZX79-C10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com