Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32 Datasheet (PDF) - Won-Top Electronics

SK32 Datasheet PDF - Won-Top Electronics
Part # SK32
Download  SK32 Download

File Size   43.76 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SK32 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK32 Datasheet PDF - Won-Top Electronics

Part # SK32
Download  SK32 Click to download

File Size   43.76 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SK32 Datasheet (HTML) - Won-Top Electronics

SK32 Datasheet HTML 1Page - Won-Top Electronics SK32 Datasheet HTML 2Page - Won-Top Electronics SK32 Datasheet HTML 3Page - Won-Top Electronics

SK32 Product details

Features

• Schottky Barrier Chip

• Ideally Suited for Automatic Assembly

• Low Power Loss, High Efficiency

• Surge Overload Rating to 100A Peak

• For Use in Low Voltage Application

• Guard Ring Die Construction

• Plastic Case Material has UL Flammability Classification Rating 94V-O



 




Similar Part No. - SK32

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
SMC Diode Solutions Co....
SK32 SMCDIODE-SK32 Datasheet
260Kb / 4P
   SK32 THRU SK310 SCHOTTKY RECTIFIER
Rev. A
logo
Cystech Electonics Corp...
SK32 CYSTEKEC-SK32 Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
logo
Microdiode Electronics ...
SK32 CHENDA-SK32 Datasheet
925Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SK32 SEMIKRON-SK32 Datasheet
149Kb / 2P
   Schottky barrier rectifiers diodes
More results


Similar Description - SK32

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B320 DIODES-B320_1 Datasheet
158Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
ES3A DIODES-ES3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B360AM DIODES-B360AM Datasheet
449Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
B320B DIODES-B320B Datasheet
162Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com