Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL13-T1 Datasheet (PDF) - Won-Top Electronics

SL13-T1 Datasheet PDF - Won-Top Electronics
Part # SL13-T1
Download  SL13-T1 Download

File Size   40.77 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SL13-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL13-T1 Datasheet PDF - Won-Top Electronics

Part # SL13-T1
Download  SL13-T1 Click to download

File Size   40.77 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SL13-T1 Datasheet (HTML) - Won-Top Electronics

SL13-T1 Datasheet HTML 1Page - Won-Top Electronics SL13-T1 Datasheet HTML 2Page - Won-Top Electronics SL13-T1 Datasheet HTML 3Page - Won-Top Electronics

SL13-T1 Product details

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 30A Peak
● For Use in Low Voltage Application
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - SL13-T1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SL13-E3-61T TI1-SL13-E3-61T Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Vishay Siliconix
SL13-E3/5AT VISHAY-SL13-E3/5AT Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
SL13-E3/61T VISHAY-SL13-E3/61T Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
logo
Formosa MS
SL13-L FORMOSA-SL13-L Datasheet
69Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL13-L FORMOSA-SL13-L Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
More results


Similar Description - SL13-T1

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SL12 SMC-SL12 Datasheet
176Kb / 4P
   1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
B120SL PACELEADER-B120SL Datasheet
254Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
   SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com