Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR25-T1 Datasheet (PDF) - Won-Top Electronics

SR25-T1 Datasheet PDF - Won-Top Electronics
Part # SR25-T1
Download  SR25-T1 Download

File Size   47.55 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SR25-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR25-T1 Datasheet PDF - Won-Top Electronics

Part # SR25-T1
Download  SR25-T1 Click to download

File Size   47.55 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SR25-T1 Datasheet (HTML) - Won-Top Electronics

SR25-T1 Datasheet HTML 1Page - Won-Top Electronics SR25-T1 Datasheet HTML 2Page - Won-Top Electronics SR25-T1 Datasheet HTML 3Page - Won-Top Electronics

SR25-T1 Product details

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 50A Peak
● For Use in Low Voltage Application
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - SR25-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR25-T3 WTE-SR25-T3 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SR25-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240A-13-F DIODES-B240A-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com