Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS16-T1 Datasheet (PDF) - Won-Top Electronics

SS16-T1 Datasheet PDF - Won-Top Electronics
Part # SS16-T1
Download  SS16-T1 Download

File Size   42.31 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS16-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS16-T1 Datasheet PDF - Won-Top Electronics

Part # SS16-T1
Download  SS16-T1 Click to download

File Size   42.31 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS16-T1 Datasheet (HTML) - Won-Top Electronics

SS16-T1 Datasheet HTML 1Page - Won-Top Electronics SS16-T1 Datasheet HTML 2Page - Won-Top Electronics SS16-T1 Datasheet HTML 3Page - Won-Top Electronics

SS16-T1 Product details

Features
Schottky Barrier Chip
Ideally Suited for Automatic Assembly
Low Power Loss, High Efficiency
Surge Overload Rating to 30A Peak
For Use in Low Voltage Application
Guard Ring Die Construction
Plastic Case Material has UL Flammability
Classification Rating 94V-O




Similar Part No. - SS16-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SS16-T3 WTE-SS16-T3 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SS16-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com